Part Number Hot Search : 
90HBW08T 6KE200CA M1520 10013 M5L2764K EC6A13 WR2KLF EL5250
Product Description
Full Text Search
 

To Download A993AS-5R6M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed inductors for surface mounting ? ?
nz ; { ????? (1) inductance is measured with a lcr meter 4284a * or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) * agilent technologies 
??????x-$3y??" ?hx ? s ?t?? b?{ 
v ?x?????y??53 "ewbouftu
?hx ? s ? t?? b?{ 
7 g?0 ?vxz v o t ?v?v`h??????w ?u s 8 ???n ?b? v ?v ?z?hx v ?vt??z?? w9 su? w??t ?^m ?pb{  *?9 s??, jqb?{  * agilent technologies db320c dimensions ? ?
go
$ recommended patterns
* ????
$ 2.6 4.1 1.0 4.0 max. 2.0 max. m2 ? direction indication 2.2 1.5 5.1 features ? ? ? (unit: mm) (unit: mm) ? low profile (4.0mm max. square and 2.0mm max. height). ? magnetically shielded construction and low dc resistance. ? ideal for dc-dc converter choke coil for portable equipments (dvd, dsc, cellular phone, pda ). ? rohs compliant. ? ? ,? nn.byz?^nn.by ? ?? z ? v ? ? ?;+%7%  %4$  $fmmvmbs qipof  1%"srw%$%$? ??;??????t7 & ? 3p)4|? 0 type db320c (quantity/reel; 2,000 pcs) f? ? j ?????? 
?0) v ? 
v o t?0 ?v 
9 s ?0 ?v 
toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.) a993as-3r9m 3.9 20 0.08 (0.07) 0.86 (1.15) 1.10 (1.47) 1.38 (1.73) a993as-4r7m 4.7 20 0.10 (0.08) 0.85 (1.14) 1.08 (1.44) 1.28 (1.60) A993AS-5R6M 5.6 20 0.11 (0.09) 0.73 (0.97) 0.97 (1.29) 1.21 (1.52) a993as-6r8m 6.8 20 0.12 (0.10) 0.70 (0.93) 0.89 (1.18) 1.19 (1.49) a993as-8r2m 8.2 20 0.14 (0.12) 0.66 (0.88) 0.85 (1.14) 0.97 (1.21) a993as-100m 10.0 20 0.16 (0.13) 0.59 (0.78) 0.74 (0.99) 0.96 (1.20) a993as-120m 12.0 20 0.19 (0.16) 0.56 (0.74) 0.69 (0.92) 0.83 (1.04) a993as-150m 15.0 20 0.24 (0.20) 0.49 (0.65) 0.62 (0.82) 0.74 (0.93) a993as-180m 18.0 20 0.29 (0.24) 0.45 (0.60) 0.56 (0.74) 0.65 (0.82) a993as-220m 22.0 20 0.37 (0.31) 0.41 (0.55) 0.52 (0.69) 0.55 (0.69) a993as-270m 27.0 20 0.48 (0.40) 0.35 (0.47) 0.45 (0.60) 0.47 (0.59) inductance range: 3.9~27h selection guide for standard coils


▲Up To Search▲   

 
Price & Availability of A993AS-5R6M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X